Part Number Hot Search : 
L2N60 SST4119 MMBT5 C5887 ACT86 1N4562D SMAJ16CA EDI88
Product Description
Full Text Search
 

To Download AI1001S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ver1.0
A1 PROs
1
A1 PROs
AI1001S
Vertical Clock Driver for Camera System
Description
The AI1001S is a clock driver for the vertical resister drive of CCD. AI1001S is well suited for the B/W or color CCD camera and camcorder in NTSC or PAL camera system.
Pin Configuration
Vi2 Vi1 ViS1
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VSS(-10V) V o 2 V o 1 VP0(0V) V o 3 V o 4 VSUB VP1(+15V)
Feature
-. 4 channel vertical clock driver and 1 channel substrate driver. -. Implemented with high voltage(+50V) and high performance CMOS process.
Vi3 ViS2 Vi4 ViSUB VDD(+5V)
16 PIN SOP / SSOP ( Top View )
Absolute Maximum Ratings (Ta = 25 E )
Parameter
Supply voltage Input voltage Output voltage Operating temperature Storage temperature
Symbol
Vss VDD, VP0, VP1 VI V o, V o 2 4 V o , V o, VSub 1 3 TOPR TSTG
Rating
Reference voltage Vss -.3 to Vss+35 0 Vss -.3 to VDD+0.3 0 Vss -.3 to VP0+0.3 0 Vss -.3 to VP1+0.3 0 -25 to +85 -40 to +125
Unit
V V V V V E E
Recommended Operating Conditions
Parameter
Supply Voltage Operating temperature
Symbol
VDD VP0 VP1 TOPR
Rating
Vss +15 Vss +10 Vss +25 -20 to +75
Unit
V V V E
1
AI1001S
VSS(-10V) VP0(0V) VP1(+15V) 9 VDD(+5V) 8
Block Diagram
16
15
14
13
12
11
10
1 Vi2
2 Vi1
3 ViS1
4 Vi3
5 ViS2
6 Vi4
Truth Table
Input Vi 1 , 3
L L H H
ViSUB
VSUB 7
Vo2
Vo1
Vo3
Vo4
Vi S 1 , 2
L H L H
Vi 2 , 4
Vi SUB
V
o,3 1
Output V o,4 2
VSUB
VP1 VP0 *Z VSS L H L H VP0 VSS VP1 VSS
* Z is high impedance.
Pin Description
No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol
Vi2 Vi1 ViS1 Vi3 ViS2 Vi4 ViSUB VDD VP1 VSUB V o 4 V o 3 VP0 V o 1 V o 2 VSS
I/O
I I I I I I I O O O O O -
Description
Output control (V o) 2 Output control (V o) 1 Output control (V o) 1 Output control (V o) 3 Output control (V o) 3 Output control (V o) 4 Output control (VSUB) Power supply (+5V) Power supply (+15V) Output (2 level : VP1, VSS) Output (2 level : VP0, VSS) Output (3 level : VP1, VP0, VSS) Power supply (0V) Output (3 level : VP1, VP0, VSS) Output (2 level : VP0, VSS) Power supply (-10V)
2
AI1001S
DC Characteristics
(TA=25 E VDD = 5V, VSS = -10V, VP0 = 0V, VP1 = 15V) ,
Item
Input high voltage Input low voltage Output high voltage Output middle voltage Output middle voltage Output low voltage Input current Power supply current Power supply current Power supply current
Symbol
VIP1 VISS V V V V
P o1 P o0 P o0 S oS
Test Condition
Min
3.5
Typ
Max
1.5
Unit
V V V
I o1 = - 20 E P I o0 = - 20 E P I o0 = 20 E P I oS = 20 E S
14.9
15 0 0.1
V V
-0.1
0 -10 1.0 0.3 0.15 4.5 0.5 0.3 5.0 -9.9
V E I I I
IIN IPD IPI IP0
Switching Characteristics
(See the Test Circuit TA = 25 E VP1=15V, VP0=0V, VDD=5V, VSS= -10V) ,
Item
Output Current Output Current Output Current Output Current Output Current Output Current Rise time VSS ae VP0 Fall time VP0 ae VSS Rise time VP0 ae VP1 Fall time VP1 ae VP0 Rise time VP0 ae VP1 Fall time VP1 ae VSS Coupling amplitude (middle level) Coupling amplitude (low level)
Symbol
IL IM1 IM2 IH ISL I TTLM TTML TTMH TTHM TTLHH TTHHL VCOM VCOL V o to V 1 V o to V 1 V o, V 1 V o, V 1
3 o 3 o 4 o 4 o
Conditions
= -9.5V = -0.5V
Max. Min. Unit
-25 10 -9 12 -12 12 1000 1000 1000 1000 200 200 0.5 0.5 I I I I I I ns ns ns ns ns ns V V
= 0.5V = 14.5V
VSUB = -9.5V VSUB = 14.5V V o to V 1 V V V
1 o,3 1 o,3 1 o,3
4 o
= -0.5V after input transient after input transient after input transient after input transient
= -9.5V = 14V = 1V
VSUB = 14V VSUB = -9.5V V o to V 1 V o to V 1
4 o 4 o
3
AI1001S
Test Circuit
AI1001S
1
Vi2 VP1 VP0 15V 0V
16
VSS(-9V) R1-R4 : 27 Ohm R5 : 5 Ohm C1-C4 : 1500 pF C5-C8 : 3300 pF C9 : 500 pF R1 R5
2
Vi1
a
(L,L) (L,H)
15
V o 2
Decoder
TIMING GENERATOR
3
ViS1
b
(H,H)
14
-10V VSS VP1 VP0
V o 1
R2
C2 C5 C7 C3 C6 C8
4
Vi3
a
(L,L)
(L,H)
13
VP0(0V)
C1
Decoder
5
ViS2
b
(H,H)
12
VSS
V o 3
R3
C4
6
Vi4
11
V o 4
R4
7
ViSUB
10
VSUB C9
8
VDD(+5V)
9
VP1(+15V)
*(L, H) means the on-status of the switch when a = "L", b = "H".
4
AI1001S
Test Circuit I/O Waveform Diagram
Input waveform Vi1 EIA :2.51 A CCIR:2.53 A
Vi3
ViS1
ViS2
Output waveform
+15
TTMH TTLM
TTHM V
1 o 0
-10 +15
TTMH TTML TTHM
V
3 o
0
-10
+5
ViSUB
0
TTLHH
+20
TTHHL
VSUB
-10
5
AI1001S
Input waveform (Repeat Cycle 15.7kHz)
+5
Vi1
0 +5
Vi2 Vi3 Vi4
0 +5 0 +5 0 600ns
Output waveform
0
TTML
TTLM
V
1 o -10 0 TCOM
V
2 o -10 0 VCOL
V
3 o -10 0
V
4 o
-10
6
SENSOR
+15V VP1(15V) +5V VSUB ViSUB Vi4 ViSUB
AI1001S Timing Generator
8 7 6 5
ViS2 Vi3
9
VDD(5V)
0.1/50
Application Circuit
VSUB
11 11
Vo4 ViS2 Vi4
10 12 11 10 9 8 7
ViS1
13
Vo4
1 12
Vo3 Vi3
Vo3
2 13
VP0(0V) ViS1
4 3 2 1
Vo1
4
Vo1 Vi1
14 15
Vo2 VSS(-9V) Vi2 -9V
Vo2
3 16
Vi1
7
Vi2
KDS226
VR 10k or EVR for color digital camera system.
1M 3.3k
AI1001S
AI1001S
Package Dimension ( AI1001S : 16 PIN SSOP )
UNIT = inch (mm)
08
O O
0.037(0.95) 0.022(0.55)
0.212(5.38) 0.205(5.20)
0.311(7.90) 0.301(7.65)
0.009(0.22) 0.005(0.13)
0.0256 (0.65)
0.015(0.38) 0.010(0.25) 0.078(1.99) 0.068(1.73) 0.249(6.33) 0.239(6.07)
BASE PLANE
SEATING PLANE
0.008(0.21) 0.002(0.05)
8


▲Up To Search▲   

 
Price & Availability of AI1001S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X